PART |
Description |
Maker |
M5LV-512/256-10SAI M5LV-512/256-12SAC M5LV-256/160 |
EE PLD, 10 ns, PBGA352 BGA-352 EE PLD, 12 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 EE PLD, 15 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP144 EE PLD, 15 ns, PQFP160 PLASTIC, QFP-160 CONNECTOR ACCESSORY EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQFP100 TQFP-100 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP208 EE PLD, 12 ns, PQFP100 TQFP-100 EE PLD, 12 ns, PBGA256 BGA-256
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
CY7C1561KV18 CY7C1561KV18-400BZC CY7C1561KV18-400B |
72-Mbit QDR(TM)-II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency); Architecture: QDR-II , 4 Word Burst; Density: 72 Mb; Organization: 4Mb x 18; Vcc (V): 1.7 to 1.9 V 4M X 18 QDR SRAM, 0.29 ns, PBGA165 72-Mbit QDR-II SRAM 4-Word Burst Architecture
|
Cypress Semiconductor, Corp.
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1472BV25-167BZXC CY7C1472BV25-167BZXI CY7C1472 |
2M X 36 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL垄芒 Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture
|
CYPRESS SEMICONDUCTOR CORP
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
CY7C1302DV25-167BZC CY7C1302DV25-167BZI CY7C1302DV |
9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture 9-Mbit Burst of Two Pipelined SRAMs with QDR垄芒 Architecture 9-Mbit Burst of Two Pipelined SRAMs with QDR⑩ Architecture
|
Cypress Semiconductor
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
89177-6030 89177-6011 |
Edge Connector,PCB Mnt,RECEPT,120 Contacts,0.05 Pitch,PC TAIL Terminal 120 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER ASSY 1.27 EDGE CONN CARD 120 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
Molex, Inc.
|
SKY74046 SKY74045 |
Power Amplifier Controller for Quad-Band GSM, GPRS, and EDGE Applications RF Transceiver with EDGE Transmit Support for Quad-Band GSM, GPRS, and EDGE Applications
|
Skyworks Solutions
|
D09S33E4GX00LF 609-1487 D09S33E6GX00LF C01-8646-01 |
SOKET CONNECT. DELTA D RIGHT ANGLE WITH NUT, HARPOON AND METAL PLATE SOCKET CONNECT,DELTA D RIGHT ANGLE WITH NUT. HARPOON AND METAL PLATE
|
FCI connector
|
CY7C1307AV18-167BZC CY7C1307AV18 CY7C1307AV18-100B |
18-Mb Burst of 4 Pipelined SRAM with QDR垄芒 Architecture 18-Mb Burst of 4 Pipelined SRAM with QDR Architecture
|
Cypress Semiconductor
|
|